PART |
Description |
Maker |
2SK1062 E001304 |
From old datasheet system HIGH SPEED SWITCHING APPLICATIONS ANALOG SWITCHING APPLICATIONS INTERFACE APPLICATIONS N CHANNEL MOS TYPE (HIGH SPEED SWTICHING, ANALOG SWITCHING, INTERFACE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
EPF8010GM |
High Speed LAN Interface Module
|
PCA ELECTRONICS INC.
|
DSILC6-4F2 DSILC6-4P6 |
ESD Protection for high speed interface
|
ST Microelectronics
|
HS5150 |
High Speed 8-Bit ADC with uP Interface
|
Hybrid Systems Corp
|
TLP2066 |
High Speed Interface 3.3V Supply Voltage
|
Toshiba Semiconductor
|
EPF8008 |
High Speed LAN Interface Module
|
PCA ELECTRONICS INC.
|
ADM1385ARS-REEL7 ADM1385ARS-REEL |
High-Speed 2-Channel RS232/V.28 Interface Devices
|
Analog Devices
|
IDT70V7339S IDT70V7339S200BFI IDT70V7339S133DD IDT |
HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V的为512k × 18 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接 HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 512K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 512K X 18 DUAL-PORT SRAM, 10 ns, PQFP144
|
Integrated Device Technology, Inc.
|